Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASW4030G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW4030G
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW4030G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW4030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
GaAs SPDT Switch
DC - 4.0 GHz
Rev. V4
MASW4030G
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications : TA = 25°C, Z0 = 50 Ω, -55°C to +85°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
dB
0.6
0.8
1.0
Isolation
DC - 1.0 GHz
Absorbtive Mode DC - 2.0 GHz
Reflective Mode DC - 2.0 GHz
DC - 4.0 GHz
dB
60
50
42
40
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
Ratio
1.2:1
1.2:1
1.5:1
Input P-1dB
0.05 GHz (0 / -5 V, 0 / -8 V)
0.5 - 4.0 GHz (0 / -5 V, 0 / -8 V)
dBm
+24, +25
+30, +33
IP2
Two Tone Input Power up to +5 dBm
0.05 GHz
0.05 - 4.0 GHz
dBm
62
68
IIP3
Two Tone Input Power up to +5 dBm
0.05 GHz
0.05 - 4.0 GHz
dBm
39
46
Control Current
VIN Low (0 to - 0.2 V)
VIN High (-5 V @ 25 µA Typ. to -8 V)
µA
9
75
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
ns
3
TON, TOFF
50% control to 90% RF, and 50% control to 10% RF
ns
6
Condition of Switch
Control Inputs
Condition of Bond Pad
A
B
T
G1
RF1
RF2
Absorbtive
V IN Low
V IN Hi
GND
GND
On
Off
SPDT
V IN Hi
V IN Low
GND
GND
Off
On
Reflective
V IN Low
V IN Hi
GND
On
Off
G2
GND
Truth Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com