Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP75N75F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP75N75F4
Description  N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N75F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STP75N75F4 Datasheet HTML 1Page - STMicroelectronics STP75N75F4 Datasheet HTML 2Page - STMicroelectronics STP75N75F4 Datasheet HTML 3Page - STMicroelectronics STP75N75F4 Datasheet HTML 4Page - STMicroelectronics STP75N75F4 Datasheet HTML 5Page - STMicroelectronics STP75N75F4 Datasheet HTML 6Page - STMicroelectronics STP75N75F4 Datasheet HTML 7Page - STMicroelectronics STP75N75F4 Datasheet HTML 8Page - STMicroelectronics STP75N75F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
July 2012
Doc ID 023484 Rev 1
1/12
12
STP75N75F4
N-channel 75 V, 0.0092
Ω typ., 78 A STripFET™ DeepGATE™
Power MOSFET in a TO-220 package
Datasheet — production data
Features
■ N-channel enhancement mode
■ 100% avalanched rated
■ Low gate charge
■ Very low on-resistance
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using ST’s STripFET™ DeepGATE™
technology. The device has a new gate structure
and is specially designed to minimize on-state
resistance to provide superior switching
performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STP75N75F4
75 V
< 0.011
Ω
78 A
TO-220
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STP75N75F4
75N75F4
TO-220
Tube
www.st.com


Similar Part No. - STP75N75F4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP75N75F4 VBSEMI-STP75N75F4 Datasheet
1,002Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP75N75F4 ISC-STP75N75F4 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP75N75F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
N-channel 100 V, 2.3 mΩ typ., 180 A STripFET™VII DeepGATE™ Power MOSFET in a TO-220 package
31-Jul-2013
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
24-Jul-2012
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
12-Aug-2011
STP80N70F4 STMICROELECTRONICS-STP80N70F4 Datasheet
659Kb / 12P
N-channel 68 V, 8.2 mΩ typ., 85 A STripFET™ DeepGATE™ Power MOSFET in TO-220 package
17-Dec-2012
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
29-Apr-2014
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
Automotive-grade N-channel 60 V, 4.4 mΩ typ., 80 A STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
21-Jan-2014
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com