Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM73P968 Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 40Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 41Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 42Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 43Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 44Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 45Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
42
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
Characteristic
Sym.
Min.
Max.
Unit
Condition
Resolution
-
8
8
bit
Conversion range
V
SS
V
AD
VV
AD=5V
Quantization error
+1
LSB
Sampling rate
10
CLK
V
DD=5V
A/D supply currentAIDD1
-
1.0
mA
ADEN=0
AIDD2
5
µA
ADEN=1
Analog input impedance
RAN
3
MΩ
Vref currentAIref
-
0.2
mA
ABSOLUTE MAXIMUM RATINGS
Items
Sym.
Ratings
Conditions
Supply Voltage
V
DD
-0.5V to 6V
Input Voltage
V
IN
-0.5V to V
DD+0.5V
Output Voltage
V
O
-0.5V to V
DD+0.5V
Power Dissipation
P
D
300mW
T
OPR=50
o
C
Operating Temperature
T
OPR
-30oC to 70oC
Storage Temperature
T
STG
-55oC to 125oC
Items
Sym.
Ratings
Condition
Min.
Max.
Supply Voltage
V
DD
Normal
2.2V
4MHz by RC osc
Slow
2.2V
Idle
2.2V
6.0V
Stop
2.0V
Input Voltage
V
IH
0.80xV
DD to VDD
V
DD : 2.0~5.5V
schmitt circuit
V
IL
0V to 0.20 to V
DD
Operating Frequency
F
C
4MHz
Osc
Fs
32KHz
LXIN, LXOUT (crystal osc)
RECOMMANDED OPERATING CONDITIONS
AD CONBERTER CHARACTERISTICS (V
),=5.0V, V4-.=5.0V, V55=0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com