Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM73P968 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
12
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
+2
PROGRAM COUNTER (16K ROM)
Program counter ( PC ) is composed by a 13-bit counter, which indicates the next executed address for the
instruction of program ROM instruction.
For BRANCH and CALL instructions, PC is changed by instruction indicating. PC only can indicate the address
from 0000h-1FFFh. The bank number is decided by P3.
(1) Branch instruction:
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC ← PC
12-6.a ( branch condition satisified )
PC Hold original PC value+1 aaaaaa
SF=0; PC← PC +1( branch condition not satisified )
PC
Original PC value + 1
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC ← PC
12.a ( branch condition satisified )
PC Hold a
a a
a a a aaaaaa
SF=0; PC← PC +2( branch condition not satisified )
PC
Original PC value + 2
SLBR a
Object code: 0101 0101 1100 aaaa aaaa aaaa (a:1000h~1FFFh)
0101 0111 1100 aaaa aaaa aaaa (a:0000h~0FFFh)
Condition: SF=1; PC ← a ( branch condition satisified )
PC aaaaaaaaaaaa
a
SF=0 ; PC ← PC + 3 ( branch condition not satisified )
PC
Original PC value + 3
(2) Subroutine instruction:
SCALL a
Object code: 1110 nnnn
Condition : PC ← a ; a=8n+6 ; n=1..Fh ; a=86h, n=0
PC 00000 aaaaa
a a a
LCALL a
Object code: 0100 0aaa aaaa aaaa
Condition: PC ← a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com