Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCS34727FN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCS34727FN
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCS34727FN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCS34727FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Red, Green, Blue (RGB), and Clear Light
Sensing with IR Blocking Filter
− Programmable Analog Gain and
Integration Time
− 3,800,000:1 Dynamic Range
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
D Maskable Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Power Management
− Low Power — 2.5-
mA Sleep State
− 65-
mA Wait State with Programmable Wait
State Time from 2.4 ms to > 7 Seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8 V Bus
D Register Set and Pin Compatible with the
TCS3x71 Series
D Small 2 mm y 2.4 mm Dual Flat No-Lead
(FN) Package
Applications
D RGB LED Backlight Control
D Light Color Temperature Measurement
D Ambient Light Sensing for Display
Backlight Control
D Fluid and Gas Analysis
D Product Color Verification and Sorting
End Products and Market Segments
D TVs, Mobile Handsets, Tablets, Computers,
and Monitors
D Consumer and Commercial Printing
D Medical and Health Fitness
D Solid State Lighting (SSL) and Digital
Signage
D Industrial Automation
Description
The TCS3472 device provides a digital return of red, green, blue (RGB), and clear light sensing values. An IR
blocking filter, integrated on-chip and localized to the color sensing photodiodes, minimizes the IR spectral
component of the incoming light and allows color measurements to be made accurately. The high sensitivity,
wide dynamic range, and IR blocking filter make the TCS3472 an ideal color sensor solution for use under
varying lighting conditions and through attenuating materials.
The TCS3472 color sensor has a wide range of applications including RGB LED backlight control, solid-state
lighting, health/fitness products, industrial process controls and medical diagnostic equipment. In addition, the
IR blocking filter enables the TCS3472 to perform ambient light sensing (ALS). Ambient light sensing is widely
used in display-based products such as cell phones, notebooks, and TVs to sense the lighting environment and
enable automatic display brightness for optimal viewing and power savings. The TCS3472, itself, can enter a
lower-power wait state between light sensing measurements to further reduce the average power consumption.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
Package Drawing Not to Scale
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
6 SDA
5 INT
4 NC
VDD 1
SCL 2
GND 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com