Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCS34727FN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TCS34727FN
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCS34727FN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TCS34727FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 9Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 10Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 11Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 12Page - List of Unclassifed Manufacturers TCS34727FN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
8
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
RGBC Operation
The RGBC engine contains RGBC gain control (AGAIN) and four integrating analog-to-digital converters (ADC)
for the RGBC photodiodes. The RGBC integration time (ATIME) impacts both the resolution and the sensitivity
of the RGBC reading. Integration of all four channels occurs simultaneously and upon completion of the
conversion cycle, the results are transferred to the color data registers. This data is also referred to as channel
count.
The transfers are double-buffered to ensure that invalid data is not read during the transfer. After the
transfer, the device automatically moves to the next state in accordance with the configured state machine.
AGAIN(r 0x0F, b1:0)
1
y, 4y, 16y, 60y Gain
CDATAH(r 0x15), CDATA(r 0x14)
Clear ADC
Red ADC
Green ADC
Blue ADC
Clear Data
Red Data
Green Data
Blue Data
RGBC Control
Blue
Green
Red
Clear
RDATAH(r 0x17), RDATA(r 0x16)
GDATAH(r 0x19), GDATA(r 0x18)
BDATAH(r 0x1B), BDATA(r 0x1A)
ATIME(r0x0 1)
2.4 ms to 614 ms
Figure 7. RGBC Operation
NOTE: In this document, the nomenclature uses the bit field name in italics followed by the register address
and bit number to allow the user to easily identify the register and bit that controls the function. For example,
the power on (PON) is in register 0x00, bit 0. This is represented as PON (r0x00:b0).
The registers for programming the integration and wait times are a 2’s compliment values. The actual time can
be calculated as follows:
ATIME = 256 − Integration Time / 2.4 ms
Inversely, the time can be calculated from the register value as follows:
Integration Time = 2.4 ms
× (256 − ATIME)
For example, if a 100-ms integration time is needed, the device needs to be programmed to:
256 − (100 / 2.4) = 256 − 42 = 214 = 0xD6
Conversely, the programmed value of 0xC0 would correspond to:
(256 − 0xC0)
× 2.4 = 64 × 2.4 = 154 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com