Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBL386502SHT Datasheet(PDF) 9 Page - Ericsson

Part # PBL386502SHT
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386502SHT Datasheet(HTML) 9 Page - Ericsson

Back Button PBL386502SHT Datasheet HTML 5Page - Ericsson PBL386502SHT Datasheet HTML 6Page - Ericsson PBL386502SHT Datasheet HTML 7Page - Ericsson PBL386502SHT Datasheet HTML 8Page - Ericsson PBL386502SHT Datasheet HTML 9Page - Ericsson PBL386502SHT Datasheet HTML 10Page - Ericsson PBL386502SHT Datasheet HTML 11Page - Ericsson PBL386502SHT Datasheet HTML 12Page - Ericsson PBL386502SHT Datasheet HTML 13Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PBL 386 50/2
9
15
C3
C1, C2 and C3 are digital inputs (internal pull-up) controlling the SLIC operating states.
16
C2
Refer to section "Operating states" for details.
17
C1
18
DET
Detector output. Active low when indicating loop detection and ring trip, active high when indicating
ground key detection.
19
NC
No internal Connection
20
VCC
+5 V power supply.
21
PLD
Programmable Loop Detector threshold. The loop detection threshold is programmed by a resistor
connected from this pin to AGND.
22
POV
Programmable Overhead Voltage. If pin is left open: The overhead voltage is internally set to min 2.7 V in
off-hook and min 1.1 V in On-hook. If a resistor is connected between this pin and AGND: the overhead
voltage can be set to higher values.
23
PLC
Prog. Line Current, the current limit,reference C in figure 13, is programmed by a resistor connected from
this pin to AGND.
24
REF
A Reference, 49.9 k
Ω, resistor should be connected from this pin to AGND.
25
NC
No internal Connection
26
RSN
Receive Summing Node. 200 times the AC-current flowing into this pin equals the metallic (transversal)
AC-current flowing from RINGX to TIPX. Programming networks for two-wire impedance and receive gain
connect to the receive summing node. A resistor should be connected from this pin to AGND.
27
AGND
Analog Ground, should be tied together with BGND.
28
VTX
Transmit vf output. The AC voltage difference between TIPX and RINGX, the AC metallic voltage, is
reproduced as an unbalanced GND referenced signal at VTX with a gain of 0.5 (or 0.25, see pin PTG).
The two-wire impedance programming network connects between VTX and RSN.
SLIC Operating States
State
C3
C2
C1
SLIC operating state
Active detector
0000
Open circuit
-
1001
Ringing state
Ring trip detector (active low)
2010
Active state
Loop detector (active low)
3011
Active state
Line voltage measurement (note 9)
4100
Tip open state
Loop detector (active low)
5101
Active state
Ground key detector (active high)
6110
Active reverse
Loop detector (active low)
7111
Active reverse
Ground key detector (active high)
Table 1. SLIC operating states.
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com