Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBL386502SHT Datasheet(PDF) 3 Page - Ericsson

Part # PBL386502SHT
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386502SHT Datasheet(HTML) 3 Page - Ericsson

  PBL386502SHT Datasheet HTML 1Page - Ericsson PBL386502SHT Datasheet HTML 2Page - Ericsson PBL386502SHT Datasheet HTML 3Page - Ericsson PBL386502SHT Datasheet HTML 4Page - Ericsson PBL386502SHT Datasheet HTML 5Page - Ericsson PBL386502SHT Datasheet HTML 6Page - Ericsson PBL386502SHT Datasheet HTML 7Page - Ericsson PBL386502SHT Datasheet HTML 8Page - Ericsson PBL386502SHT Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PBL 386 50/2
3
Figure 2. Overhead voltage, V
TRO, two-
wire port
1
<< R
L, RL= 600 Ω
ωC
R
T = 60 kΩ, RRX = 60 kΩ
Electrical Characteristics
0
°C ≤ T
Amb ≤ +70 °C, PTG = Open (see pin description), ROV = ∞, VCC= +5V ±5 %, VBat= -58V to -40V, VBat2 = -32V, RLC=32.4 kΩ, IL
= 27 mA. R
L = 600 Ω, RF1= RF2= RP1= RP2=0, RRef = 49.9 kΩ, CHP = 47 nF, CLP=0.15 µF, RT = 60 kΩ, RSG = 0 kΩ, RRX = 60 kΩ, RR =
11 k
Ω unless otherwise specified. Current definition: current is positive if flowing into a pin.
Ref
Parameter
fig
Conditions
Min
Typ
Max
Unit
Two-wire port
Overhead voltage, V
TRO ,ILdc > 18mA
2
Active state, R
OV = ∞
2.7
V
Peak
0.2 kHz < f < 3.4 kHz
On-Hook, I
Ldc < 5mA
1% THD, Note 1
1.1
V
Peak
Over load level, metering
f
≤16kHz, Z
LAC =200Ω, Adj. by ROV
5.0
V
Peak
Input impedance, Z
TR
Note 2
Z
T/200
Longitudinal impedance, Z
LOT, ZLOR
0 < f < 100 Hz
20
35
Ω/wire
Longitudinal current limit, I
LOT, ILOR
active state
18
mA
rms /wire
Longitudinal to metallic balance, B
LM
Normal polarity:
(IEEE standard 455-1985, Z
TRX=736Ω)
0.2 kHz < f < 1.0 kHz
55
dB
Longitudinal to metallic balance, B
LME
3
1.0 kHz < f < 3.4 kHz
55
dB
Reverse polarity:
0.2 kHz < f < 3.4 kHz
55
dB
Longitudinal to four-wire balance, B
LFE
3
Normal polarity:
0.2 kHz < f < 1.0 kHz
61
75
dB
1.0 kHz < f < 3.4 kHz
61
70
dB
Reverse polarity:
0.2 kHz < f < 3.4 kHz
61
68
dB
Metallic to longitudinal balance, B
MLE
4
0.2 kHz < f < 3.4 kHz
40
50
dB
V
TR
B
MLE = 20 · Log
; E
RX = 0
V
Lo
Figure 3. Longitudinal to metallic (B
LME)
and Longitudinal to four-wire (B
LFE)
balance
1
<< 150
Ω, R
LR =RLT =RL /2=300Ω
ωC
R
T = 60 kΩ, RRX = 60 kΩ
B
LFE = 20 · Log
E
Lo
V
TR
B
LME = 20 · Log
E
Lo
V
TX
PBL 386 50/2
TIPX
RINGX
RSN
VTX
RT
RRX
ERX
RL
VTRO
ILDC
C
PBL 386 50/2
TIPX
RINGX
RSN
VTX
RT
RRX
VTX
RLT
C
VTR
RLR
ELo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com