Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IO13NDB0V0 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # IO13NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13NDB0V0 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button IO13NDB0V0 Datasheet HTML 36Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 37Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 38Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 39Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 40Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 41Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 42Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 43Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 28
R e v i sio n 1 2
Table 2-30 • I/O Short Currents IOSH/IOSL
Applicable to FPGA I/O Banks
Drive Strength
IOSL (mA)
*
IOSH (mA)
*
3.3 V LVTTL / 3.3 V LVCMOS
2 mA
27
25
4 mA
27
25
6 mA
54
51
8 mA
54
51
12 mA
109
103
16 mA
127
132
24 mA
181
268
2.5 V LVCMOS
2 mA
18
16
4 mA
18
16
6 mA
37
32
8 mA
37
32
12 mA
74
65
16 mA
87
83
24 mA
124
169
1.8 V LVCMOS
2 mA
11
9
4 mA
22
17
6 mA
44
35
8 mA
51
45
12 mA
74
91
16 mA
74
91
1.5 V LVCMOS
2 mA
16
13
4 mA
33
25
6 mA
39
32
8 mA
55
66
12 mA
55
66
3.3 V PCI/PCI-X
Per PCI/PCI-X specification
109
103
Note:
*TJ = 85°C.
Table 2-31 • I/O Short Currents IOSH/IOSL
Applicable to MSS I/O Banks
Drive Strength
IOSL (mA)*
IOSH (mA)*
3.3 V LVTTL / 3.3 V LVCMOS
8 mA
54
51
2.5 V LVCMOS
8 mA
37
32
1.8 V LVCMOS
4 mA
22
17
1.5 V LVCMOS
2 mA
16
13
Note:
*TJ = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com