Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IO13NDB0V0 Datasheet(PDF) 95 Page - Microsemi Corporation

Part # IO13NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13NDB0V0 Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button IO13NDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 93Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 94Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 95Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 96Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 97Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 98Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 99Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 83
Comparator
Unless otherwise specified, performance is specified at 25°C with nominal power supply voltages.
Table 2-97 • Comparator Performance Specifications
Specification
Test Conditions
Min.
Typ.
Max.
Units
Input voltage range
Minimum
0
V
Maximum
2.56
V
Input offset voltage
HYS[1:0] = 00
(no hysteresis)
±1
±3
mV
Input bias current
Comparator 1, 3, 5, 7, 9 (measured at 2.56 V)
40
100
nA
Comparator 0, 2, 4, 6, 8 (measured at 2.56 V)
150
300
nA
Input resistance
10
M
Ω
Power supply rejection ratio
DC (0 – 10 KHz)
50
60
dB
Propagation delay
100 mV overdrive
HYS[1:0] = 00
(no hysteresis)
15
18
ns
100 mV overdrive
HYS[1:0] = 10
(with hysteresis)
25
30
ns
Hysteresis
(± refers to rising and falling
threshold shifts, respectively)
HYS[1:0] = 00 Typical (25°C)
0
0
±5
mV
Across all corners (–40ºC to +100ºC)
0
±5
mV
HYS[1:0] = 01 Typical (25°C)
±3
±
16
±30
mV
Across all corners (–40ºC to +100ºC)
0
±36
mV
HYS[1:0] = 10 Typical (25°C)
±19
± 31
±48
mV
Across all corners (–40ºC to +100ºC)
±12
±54
mV
HYS[1:0] = 11 Typical (25°C)
±80
± 105 ±190
mV
Across all corners (–40ºC to +100ºC)
±80
±194
mV
Comparator current
requirements
(per comparator)
VCC33A = 3.3 V (operational mode); COMP_EN = 1
VCC33A
150
165
µA
VCC33AP
140
165
µA
VCC15A
1
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com