Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH12432 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ECWH12432
Description  Plastic Film Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12432 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECWH12432 Datasheet HTML 6Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 7Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 8Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 9Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 10Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 11Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 12Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 13Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-40
-20
0
20
40
60
80
100
ECWH(V) Type 2000VDC Series (Metallized Polypropylene Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
0.01uF
0.0047uF
0.015uF
0.001uF
0.001uF
0.0047uF
0.01uF
0.015uF
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-40
-20
0
20
40
60
80
100
0.001uF
0.0047uF
0.01uF
0.015uF
0.001uF
0.0022uF
0.0047uF
0.01uF
0.015uF
0.001uF
0.0022uF
0.0047uF
0.01uF
0.015uF
0.001uF
0.0022uF
0.0047uF
0.01uF
0.015uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com