Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH12432 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH12432
Description  Plastic Film Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12432 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH12432 Datasheet HTML 1Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 2Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 3Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 4Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 5Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 6Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 7Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 8Page - Panasonic Semiconductor ECWH12432 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC62−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
Cut lead
C
■Taping Specifications for Automatic Insertion
●
Taping style
❈See the column “Rating, Dimensions & Quantity Box” for packing quantity.
■Packaging Specifications for Bulk Package
Packing quantity : 100 pcs./bag
●Lead Spacing
Style
E
Lead Spacing
7.5 mm
❈Refer to the page of taping specifications.
●Packaging Specifications
Type
Rated volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
○
○
○
○
Packing
suffix
ECWH(V)
1000 VDC
1250 VDC
1600 VDC
2000 VDC
0.0075 to 0.10
0.0036 to 0.051
0.0013 to 0.020
0.0010 to 0.015
Ammo
Ammo
Ammo
Ammo
R() V
R() V
R() V
R() V
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com