Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WT12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WT12
Description  EVALUATION KIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WT12 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Bluegiga Technologies Oy
1
Introduction
FEATURES
Evaluation Kit for WT12 Bluetooth wireless communication modules
Unregulated power supply input (5-9V)
RS-232 serial interface (D9, DTE)
USB interface
SPI for upgrading the firmware and parameters
Reset and DSR buttons
Switches for I/O or UART and I/O or LED/USB/UART selection
2,5mm audio jacks for speaker and microphone connection
16 pin I/O interface (6xGPIO, 4xPCM, RESET, GND, POWER, TxD, RxD and +V)
iWRAP™ command interface software as a default firmware
TARGET APPLICATIONS
WT12 Evaluation Kit is meant for evaluation and development of WRAP THOR WT12 Bluetooth
modules or prototyping and piloting Bluetooth systems utilized with WRAP THOR WT12 module.
ELECTRICAL FUNCTIONALITY
Please, refer the details of WT12 Bluetooth module from the latest respective data sheet (WT12 Data
Sheet). The physical outlook, schematics, assembly and the PIN configurations of the interfaces of
WT12 Evaluation Kit are described in this document.
SOFTWARE FUNCTIONALITY
WT12 Evaluation Kit is delivered with iWRAP software as default firmware. iWRAP is a simple ASCII
command based interface, which enables access to various Bluetooth functions. A detailed description
of iWRAP can be found from iWRAP User Guide, which can be found from the CD delivered with the
evaluation kit or alternatively downloaded from the Tech-forum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com