Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WT12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WT12
Description  EVALUATION KIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT12 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Bluegiga Technologies Oy
Page 8 of 14
6
SPI (J1) interface
SPI interface pin configuration is show in Table 2. The physical interface is 2X3 pin header (AMP146134-2).
PIN Name:
No.:
I/O:
Description:
MISO
1
O
MISO
3.3 V
2
POWER
3.3 V power supply input
CLK
3
I
CLK
MOSI
4
I
MOSI
CSB
5
I
CSB
GND
6
GND
GND
Table 1: SPI Interface PIN description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com