Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI35LS1R8MTRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPI35LS1R8MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS1R8MTRF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NPI35LS1R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 9Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 10Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 65 (6.0 x 6.0 x 4.5mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI65LS1R0MTRF
1.0
±20%
100KHz, 1V
0.01
11.13
4.86
100
NPI65LS1R8MTRF
1.8
±20%
100KHz, 1V
0.014
8.38
4.17
60
NPI65LS2R2MTRF
2.2
±20%
100KHz, 1V
0.016
7.55
3.89
46
NPI65LS4R7MTRF
4.7
±20%
100KHz, 1V
0.029
5.18
2.85
31
NPI65LS5R6MTRF
5.6
±20%
100KHz, 1V
0.032
4.84
2.73
28
NPI65LS6R2MTRF
6.2
±20%
100KHz, 1V
0.035
4.52
2.62
25
NPI65LS100MTRF
10
±20%
100KHz, 1V
0.059
3.56
2.02
19
NPI65LS120MTRF
12
±20%
100KHz, 1V
0.07
3.32
1.85
17
NPI65LS150MTRF
15
±20%
100KHz, 1V
0.083
2.95
1.7
15
NPI65LS180MTRF
18
±20%
100KHz, 1V
0.092
2.74
1.61
14
NPI65LS220MTRF
22
±20%
100KHz, 1V
0.105
2.45
1.51
12
NPI65LS270MTRF
27
±20%
100KHz, 1V
0.141
2.18
1.3
10
NPI65LS330MTRF
33
±20%
100KHz, 1V
0.188
2.03
1.13
10
NPI65LS390MTRF
39
±20%
100KHz, 1V
0.211
1.8
1.06
8.8
NPI65LS470MTRF
47
±20%
100KHz, 1V
0.244
1.66
0.99
8.1
NPI65LS560MTRF
56
±20%
100KHz, 1V
0.296
1.57
0.9
7.8
NPI65LS620MTRF
62
±20%
100KHz, 1V
0.309
1.48
0.88
7.4
NPI65LS680MTRF
68
±20%
100KHz, 1V
0.346
1.39
0.83
6.5
NPI65LS750MTRF
75
±20%
100KHz, 1V
0.364
1.35
0.81
6.0
NPI65LS820MTRF
82
±20%
100KHz, 1V
0.437
1.29
0.74
5.6
NPI65LS910MTRF
91
±20%
100KHz, 1V
0.476
1.2
0.71
5.6
NPI65LS101MTRF
100
±20%
100KHz, 1V
0.506
1.14
0.69
4.1
NPI65LS181MTRF
180
±20%
100KHz, 1V
0.847
0.89
0.53
3.3
NPI65LS271MTRF
270
±20%
100KHz, 1V
1.073
0.74
0.47
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com