Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI35LS1R8MTRF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NPI35LS1R8MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS1R8MTRF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NPI35LS1R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 9Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 10Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI__LS Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
NPI31LS
9.0 ± 1.5
58 ± 2.0
13.5 ± 0.2
178 ± 2.0
NPI32LS
NPI35LS
NPI41LS
12.4 +0.2/-0
100 ± 2.0
13.0 +2/-0
330 ± 2.0
NPI42LS
NPI43LS
NPI63LS
NPI64LS
NPI84LS
16.4 +0.2/-0
100 ± 2.0
13.0 +2/-0
330 ± 2.0
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
t
NPI Unshielded Power Inductors
B
C
D
A
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
Pre-heat
120 sec. ±30 sec.
25
50
100
150
200
250
300
Time above 240°C
20 ~ 60 sec.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
+190°C
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Ao
Bo
Ko
Co
W
Po
t
Quantity
NPI31LS
3.3 ± 0.1
3.3 ± 0.1
1.4 ± 0.1
3.5 ± 0.1
8.0 ± 0.3
4.0 ± 0.1
0.3 ± 0.03
2,000
NPI32LS
1.6 ± 0.1
2,000
NPI35LS
1.9 ± 0.1
2,000
NPI41LS
4.4 ± 0.1
4.4 ± 0.1
1.6 ± 0.1
3.5 ± 0.1
8.0 ± 0.3
8.0 ± 0.1
0.3 ± 0.03
4,500
NPI42LS
2.4 ± 0.1
3,000
NPI43LS
3.4 ± 0.1
2,000
NPI63LS
6.4 ± 0.1
6.4 ± 0.1
3.3 ± 0.1
7.5 ± 0.1
16.0 ± 0.3
8.0 ± 0.1
0.4 ± 0.03
2,000
NPI64LS
4.7 ± 0.1
1,500
NPI84LS
8.35 ± 0.1
8.35 ± 0.1
4.4 ± 0.1
7.5 ± 0.1
16.0 ± 0.3
12.0 ± 0.1
0.4 ± 0.03
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com