Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4935RLEVAL Datasheet(PDF) 40 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments LM4935RLEVAL Datasheet HTML 43Page - Texas Instruments LM4935RLEVAL Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
PCM_CLK
PCM_SDO/
PCM_SDI
PCM_SYNC
Short frame sync mode (PCM_LONG = 0)
Long frame sync mode (PCM_LONG = 1)
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
Figure 4-15. PCM Serial Data Format (16 bit Slave Example)
When SAR SDO data is passed to the I2S, it is left aligned (MSB aligned) to allow lower I2S resolutions to
be used.
If the DAC is driven from the PCM interface then the left channel of the DAC is used and the right channel
is inactive.
4.2.33 GPIO CONFIGURATION REGISTER
This register is used to control the GPIO system.
Table 4-32. GPIO (0x1Ah)
Bits
Field
Description
2:0
GPIO_SEL
This sets the function of the GPIOs when the Audio Interface is not using them.
GPIO_SEL
GPIO 1
GPIO 2
0002
0
0
0012
READABLE
SPI_SDO
0102
LS_AMP_ENABLE
SPI_SDO
0112
GPIO_DATA
SPI_SDO
1002
0
SPI_SDO
1012
READABLE
SAR_SDO
1102
LS_AMP_ENABLE
SAR_SDO
1112
GPIO_DATA
SAR_SDO
Setting GPIO_SEL = “010” with the GPIO_TEST_MODE bit (register 0X26h) set configures the GPIOs for
digital mic operation. With this setting, GPI01 will output VADC_CLK_OUT to provide a clock for the digital
mic. GPIO2 will accept digital mic data. GPIO1's LS_AMP_ENABLE setting will be logic high whenever the
loudspeaker amplifier is enabled. This is useful for enabling an external amplifier for stereo loudspeaker
applications.
4:3
SAR_CH_SEL
This field selects the SAR output channel for the 2nd (Right) I2S channel or for SAR_SDO via GPIO2.
SAR_CH_SEL
Selected Channel
002
VSAR_1
012
VSAR_2
102
D_VDD/2 or BB_VDD
112
A_VDD/2
5
I2S_MODE
If set the I2S operates in left justified mode (sometimes referred to as DSP mode). See example below. (Note
30)
6
PCM_LONG
If set the PCM interface uses LONG frame sync which is essentially an inverted short frame sync.
7
GPIO_DATA
If GPIO_SEL is set to GPIO_DATA then the content of this field is passed to GPIO1 as an output.
40
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com