Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4935RLEVAL Datasheet(PDF) 41 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments LM4935RLEVAL Datasheet HTML 43Page - Texas Instruments LM4935RLEVAL Datasheet HTML 44Page - Texas Instruments LM4935RLEVAL Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
4.2.34 SAR CHANNELS 0 & 1 CONFIGURATION REGISTER
This register is used to control channel 0 and 1 of the SAR system. (Note 31)
Table 4-33. SAR_SLOT01 (0x1Bh)
Bits
Field
Description
2:0
SLOT_0_FS
Programs the sampling frequency of SAR channel 0:
SLOT_0_FS
Sample Rate @ 12.000 MHz (point A)
0002
13.888 kHz
0012
3.472 kHz
0102
0.868 kHz
0112
217 Hz
1002
54 Hz
1012
14 Hz
1102
4 Hz
1112
1 Hz
3
SLOT_0_ENB
If set then VSAR 1 is sampled into SAR slot 0 which also activates the SAR ADC.
6:4
SLOT_1_FS
Programs the sampling frequency of SAR channel 1:
SLOT_1_FS
Sample Rate @ 12.000 MHz (point A)
0002
13.888 kHz
0012
3.472 kHz
0102
0.868 kHz
0112
217 Hz
1002
54 Hz
1012
14 Hz
1102
4 Hz
1112
1 Hz
7
SLOT_1_ENB
If set then VSAR 2 is sampled into SAR slot 1 which also activates the SAR ADC.
4.2.35 SAR CHANNELS 2 & 3 CONFIGURATION REGISTER
This register is used to control channel 2 and 3 of the SAR system. (Note 31)
Table 4-34. SAR_SLOT23 (0x1Ch)
Bits
Field
Description
2:0
SLOT_2_FS
Programs the sampling frequency of SAR channels 2 and 3:
SLOT_2_FS
Sample Rate @ 12.000 MHz (point A)
0002
13.888 kHz
0012
3.472 kHz
0102
0.868 kHz
0112
217 Hz
1002
54 Hz
1012
14 Hz
1102
4 Hz
1112
1 Hz
3
SLOT_2_ENB
If set then D_VDD / 2 or BB_VDD (depending on SLOT2_VBB) is sampled into SAR slot 2 which also
activates the SAR ADC.
4
SLOT_3_ENB
If set then A_VDD / 2 is sampled into SAR slot 3 which also activates the SAR ADC.
5
SLOT_2_VBB
If set then BB_VDD input is used as input to SAR slot 2 rather than the D_VDD.
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
41
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com