Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IO137RSB2 Datasheet(PDF) 50 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 50 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 46Page - Microsemi Corporation IO137RSB2 Datasheet HTML 47Page - Microsemi Corporation IO137RSB2 Datasheet HTML 48Page - Microsemi Corporation IO137RSB2 Datasheet HTML 49Page - Microsemi Corporation IO137RSB2 Datasheet HTML 50Page - Microsemi Corporation IO137RSB2 Datasheet HTML 51Page - Microsemi Corporation IO137RSB2 Datasheet HTML 52Page - Microsemi Corporation IO137RSB2 Datasheet HTML 53Page - Microsemi Corporation IO137RSB2 Datasheet HTML 54Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 45
Table 2-55 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
100 µA
2 mA
Std.
0.60
14.64
0.04
1.52
0.43
14.64
12.97
3.21
3.15
ns
–1
0.51
12.45
0.04
1.29
0.36
12.45
11.04
2.73
2.68
ns
–2
0.45
10.93
0.03
1.13
0.32
10.93
9.69
2.39
2.35
ns
100 µA
4 mA
Std.
0.60
14.64
0.04
1.52
0.43
14.64
12.97
3.21
3.15
ns
–1
0.51
12.45
0.04
1.29
0.36
12.45
11.04
2.73
2.68
ns
–2
0.45
10.93
0.03
1.13
0.32
10.93
9.69
2.39
2.35
ns
100 µA
6 mA
Std.
0.60
10.16
0.04
1.52
0.43
10.16
9.08
3.71
3.98
ns
–1
0.51
8.64
0.04
1.29
0.36
8.64
7.73
3.15
3.39
ns
–2
0.45
7.58
0.03
1.13
0.32
7.58
6.78
2.77
2.97
ns
100 µA
8 mA
Std.
0.60
10.16
0.04
1.52
0.43
10.16
9.08
3.71
3.98
ns
–1
0.51
8.64
0.04
1.29
0.36
8.64
7.73
3.15
3.39
ns
–2
0.45
7.58
0.03
1.13
0.32
7.58
6.78
2.77
2.97
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com