Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IO137RSB2 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 96Page - Microsemi Corporation IO137RSB2 Datasheet HTML 97Page - Microsemi Corporation IO137RSB2 Datasheet HTML 98Page - Microsemi Corporation IO137RSB2 Datasheet HTML 99Page - Microsemi Corporation IO137RSB2 Datasheet HTML 100Page - Microsemi Corporation IO137RSB2 Datasheet HTML 101Page - Microsemi Corporation IO137RSB2 Datasheet HTML 102Page - Microsemi Corporation IO137RSB2 Datasheet HTML 103Page - Microsemi Corporation IO137RSB2 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 95
FMAX
Maximum frequency
310
272
231
MHz
Notes:
1. For more information, refer to the application note Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-116 • RAM4K9
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V (continued)
Parameter
Description
–2
–1
Std. Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com