Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K246 Datasheet(PDF) 3 Page - NEC

Part # K246
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K246 Datasheet(HTML) 3 Page - NEC

  K246 Datasheet HTML 1Page - NEC K246 Datasheet HTML 2Page - NEC K246 Datasheet HTML 3Page - NEC K246 Datasheet HTML 4Page - NEC K246 Datasheet HTML 5Page - NEC K246 Datasheet HTML 6Page - NEC K246 Datasheet HTML 7Page - NEC K246 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2461
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
1
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature - ˚C
0
20
0
20
40
60
80
100
120
140
160
20
40
60
80
100
40
60
80
100
120
140
160
70
60
50
40
30
20
10
0.1
1
1
10
100
10
100
1000
TC = 25 ˚C
Single Pulse
0
4
6
8
10
20
30
40
510
15
10
100
1000
Pulsed
50
2
0
ID(pulse)
1 ms
PW=10
s
Power
Dissipation
Limited
R
DS(on)
Limited
(at
V
GS
=
10
V)
Pulsed
VGS = 4 V
VGS = 6 V
VGS = 10 V
DC
200
ms
ID(DC)
VDS = 10 V
100
s
10
ms
TA = –25 ˚C
25 ˚C
125 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com