Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-M2CC-24M576-F150-R Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FAR-M2CC-24M576-F150-R
Description  Piezoelectric VCO (6 to 30 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2CC-24M576-F150-R Datasheet(HTML) 1 Page - fujitsu semiconductor

  FAR-M2CC-24M576-F150-R Datasheet HTML 1Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 2Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 3Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 4Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 5Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 6Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 7Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 8Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DS04-21710-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
Piezoelectric VCO
(6 to 30 MHz)
M2 Series (F150)
s
DESCRIPTION
The M2 series (F150) of VCO (Voltage Controlled Oscillator) apply to the frequency range 6 to 30 MHz.
These VCOs have a high stability and wide controllable frequency ranges using a LiTaO3 piezoelectric single crystal
with high electromechanical coupling coefficient. Output level applies to CMOS type for digital interface.
s
FEATURES
• Wide frequency controllable range (Over than ±2000 ppm)
• High carrier noise ratio
• Excellent temperature stability
• CMOS output level
• Compact package (8
× 11 × 2.6 mm)
• Surface mountable package (SMD)
s
PACKAGE


Similar Part No. - FAR-M2CC-24M576-F150-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-12M288-F100 FUJITSU-FAR-M2DB-12M288-F100 Datasheet
65Kb / 8P
Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-12M500-F100 FUJITSU-FAR-M2DB-12M500-F100 Datasheet
65Kb / 8P
Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-13M500-F100 FUJITSU-FAR-M2DB-13M500-F100 Datasheet
65Kb / 8P
Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-14M318-F100 FUJITSU-FAR-M2DB-14M318-F100 Datasheet
65Kb / 8P
Piezoelectric VCO (4 to 30 MHz)
More results

Similar Description - FAR-M2CC-24M576-F150-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
Piezoelectric Resonator (4 to 20 MHz)
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
Piezoelectric Resonator (4 to 23.9 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
Piezoelectric VCO (4 to 30 MHz)
FAR-M3DC FUJITSU-FAR-M3DC Datasheet
72Kb / 8P
Piezoelectric VCO (6 to 30 MHz)
VC-24 FUJITSU-VC-24 Datasheet
166Kb / 15P
VCO (800 to 2000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com