Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-M2CC-24M576-F150-R Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FAR-M2CC-24M576-F150-R
Description  Piezoelectric VCO (6 to 30 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2CC-24M576-F150-R Datasheet(HTML) 3 Page - fujitsu semiconductor

  FAR-M2CC-24M576-F150-R Datasheet HTML 1Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 2Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 3Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 4Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 5Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 6Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 7Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 8Page - fujitsu semiconductor FAR-M2CC-24M576-F150-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
M2 Series (F150)
s
ABSOLUTE MAXIMUM RATINGS
WARNING: Piezoelectric devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
piezoelectric device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
s
STANDARD FREQUENCIES
Parameter
Symbol
Rating
Unit
Min.
Max.
Supply voltage
VCC
–0.5
+7.0
V
Control voltage
VIN
–0.5
+7.0
V
Output voltage
VOUT
–0.5
VCC +0.5
V
Output current
IOUT
–25
+25
mA
Operating temperature
Ta
–10
+70
°C
Storage temperature
Tstg
–40
+100
°C
Parameter
Symbol
Value
Unit
Min.
Max.
Supply voltage
VCC
+4.75
+5.25
V
Control voltage
VIN
0
+5.0
V
Operating temperature
Ta
–10
+70
°C
Nominal frequency
Part number
Application
14.318 MHz
FAR-M2CC-14M318-F150
Video
16.934 MHz
FAR-M2CC-16M934-F150
Audio
18.432 MHz
FAR-M2CC-18M432-F150
Video
24.576 MHz
FAR-M2CC-24M576-F150
Audio
25.175 MHz
FAR-M2CC-25M175-F150
Display



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com