Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-M2CC-25M175-F150-R Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # FAR-M2CC-25M175-F150-R
Description  Piezoelectric VCO (6 to 30 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2CC-25M175-F150-R Datasheet(HTML) 5 Page - fujitsu semiconductor

  FAR-M2CC-25M175-F150-R Datasheet HTML 1Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 2Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 3Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 4Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 5Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 6Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 7Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 8Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
M2 Series (F150)
s
TYPICAL CHARACTERISTICS
Part number: FAR-M2CC-16M934-F150
1. Control Voltage vs. Oscillation Frequency Variation
2. Temperature Characteristics
3. Supply Voltage (Vcc) vs. Oscillation Frequency Variation
6000
4000
2000
0
0.0
0.5
1.0
1.5
2.0
2.5
Control voltage (V)
3.0
3.5
4.0
4.5
5.0
−2000
−4000
−6000
1000
800
600
400
200
0
−20
−10
0
1020
3040
50
60
70
80
−200
−400
−600
−800
−1000
Temperature (degree C)
500
400
300
200
100
0
4.5
5.25
5.5
5
4.75
−100
−200
−300
−400
−500
Supply voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com