Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-M2CC-25M175-F150-R Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FAR-M2CC-25M175-F150-R
Description  Piezoelectric VCO (6 to 30 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2CC-25M175-F150-R Datasheet(HTML) 2 Page - fujitsu semiconductor

  FAR-M2CC-25M175-F150-R Datasheet HTML 1Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 2Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 3Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 4Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 5Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 6Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 7Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 8Page - fujitsu semiconductor FAR-M2CC-25M175-F150-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
M2 Series (F150)
s
PIN ASSIGNMENT
s
PIN DESCRIPTIONS
Pin No.
Symbol
Descriptions
1VIN
INPUT (Control voltage)
2
GND
GROUND
3VCC
VCC (Supply voltage)
4VOUT
OUTPUT
34
21
(Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com