Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-C4CP-16000-K02-R Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # FAR-C4CP-16000-K02-R
Description  Piezoelectric Resonator (4 to 16 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CP-16000-K02-R Datasheet(HTML) 8 Page - fujitsu semiconductor

  FAR-C4CP-16000-K02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FAR Family (C4 series P/Q type)
s TAPING FORM AND DIMENSIONS
2.0
±0.5
φ13.0±0.5
φ21.0±0.8
R1.0
2.0
±0.5
18.0
±1.5
8.0
±0.1
±0.1
φ1.5±
0.1
0
4.0
±0.1
2.0
±0.1
Pack quantity
Unit: mm
2.1
±0.1
4.0
×10 = 40±0.2
W
Package size
t
5.0
10.5
3.0
3.7
P
Q
8.5
2.8
Reel form
3,000
Quantity
P, Q
Package size
⋅



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com