Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-C4CP-16000-K02-R Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FAR-C4CP-16000-K02-R
Description  Piezoelectric Resonator (4 to 16 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CP-16000-K02-R Datasheet(HTML) 2 Page - fujitsu semiconductor

  FAR-C4CP-16000-K02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CP-16000-K02-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FAR Family (C4 series P/Q type)
s STANDARD CHARACTERISTICS
C4 series (P/Q type)
Remarks
Material
Lithium Niobate (LiNbO3)
Frequency
4 to 16 MHz
Standard frequency
See “s Standard Frequency.”
Initial frequency deviation
±0.5% (M)
The
±0.3% (K) version can also be
produced.
Temperature characteristic
(–40
°C to +105°C)
Reference temperature: +25
°C
Capacity of built-in capacitor
20
±8 pF (standard)
10
±4 pF, 30±8 pF are also available.
Capacity is specified by Fujitsu,
considering matching data with
applied IC (mainly microcomputer).
Aging stability
Within
±0.1%
For ten years at room temperature
PCT
96 hours guaranteed
Unsturated PCT: 121
°C
2 atomospheric pressures
Operating temperature
–40
°C to +105°C
Storage temperature
–55
°C to +105°C
Standard measuring circuit
• Resonant frequency
• Serial resonant resistance
±
% (M)
0.9
1.0
1 M
Ω
R
C1
C2
4 MHz to 10 MHz
IC: MB84069B
×2
10 MHz to 16.0 MHz
IC: MC74HC04
×2
• VCC: 5 V DC
• R: Resonator
• C1, C2: Loading capacitors (built-in)
FAR
C1
C2
LM
R
75
Ω
75
Ω
OSC
R: Resonator
Measuring instrument: Network analyzer
Series
Parameter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com