Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 6Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 7Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 8Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 9Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 10Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 11Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 12Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 13Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
F5CH Series (L2 type)
16. PDC800 (Tx) High Attenuation Type
Part number: FAR-F5CH-950M00-L2FW
(Ta = –30 to +85
°C)
17. PDC800 (Rx)
Part number: FAR-F5CH-820M00-L2FM
(Ta = –30 to +85
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
940 to 960 MHz
—2.8
3.5
dB
Inband ripple
—
940 to 960 MHz
—1.0
2.0
dB
Absolute attenuation
—
DC to 680 MHz
30
34
—
dB
—
680 to 696 MHz
33
36
—
dB
—
810 to 830 MHz
40
44
—
dB
—
1015 to 1106 MHz
40
45
—
dB
—
1106 to 2000 MHz
30
34
—
dB
Inband VSWR
—
940 to 960 MHz
—1.6
2.0
—
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
810 to 830 MHz
—1.8
2.5
dB
Inband ripple
—
810 to 830 MHz
—1.0
1.5
dB
Absolute attenuation
—
DC to 680 MHz
20
24
—
dB
—
680 to 700 MHz
25
29
—
dB
—
875 to 940 MHz
25
30
—
dB
—
940 to 1070 MHz
30
32
—
dB
—
1070 to 1090 MHz
35
37
—
dB
—
1090 to 2000 MHz
20
24
—
dB
Inband VSWR
—
810 to 830 MHz
—1.8
2.0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com