Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 20Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 21Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
F5CH Series (L2 type)
12. NMT/GSM System (Rx) High Attenuation type
Part number: FAR-F5CH-947M50-L2EV
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –39.033 dB
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
1
CH1
Cor
H1d
SWR
S11/M
1/REF 1
CH2 S22/M
Cor
H1d
SWR
2
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
4.3655
Ω
–1.3176
Ω
132.01
MU
:
1
CH 2
Cor
H1d
S22
1
FS
1 :
/
4.3965
Ω
16.083
Ω
2.7975 nH
915.000 000 MHz
MU
2 : 38.551
Ω
–691.41 m
Ω
935 MHz
3 : 47.967
Ω
–1.3906
Ω
960 MHz
4 : 14.959
Ω
–60.223
Ω
980 MHz
2 : –2.6105 dB
935 MHz
3 : –2.1358 dB
960 MHz
4 : –32.91 dB
980 MHz
3
915.000 000 MHz
2
1
3
1 : 12.613
915.000 000 MHz
2 : 1.4932
935 MHz
3 : 1.1347
960 MHz
4 : 3.9464
980 MHz
2 : 1.2975
935 MHz
3 : 1.0583
960 MHz
4 : 8.3696
980 MHz
915.000 000 MHz
1 : 11.479
pF
915.000 000 MHz
2 : 33.49
Ω
0.5313
Ω
935 MHz
3 : 44.113
Ω
–439.45 m
Ω
960 MHz
4 : 165.2
Ω
69.984
Ω
980 MHz
4
2
3
1
4
4
2
3
4
4
2
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com