Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3405AXMY/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3405AXMY/NOPB
Description  1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405AXMY/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3405AXMY/NOPB Datasheet HTML 1Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 2Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 3Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 4Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 5Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 6Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 7Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 8Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN/DIM
1
4
3
2
8
5
6
7
SW
GND
VIN
EN/DIM
BOOST
GND
FB
NC
LM3405A
SNVS508B – OCTOBER 2007 – REVISED OCTOBER 2008
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAMS
Figure 1. 6-Lead SOT Package
Figure 2. 8-Lead MSOP PowerPAD Package
See Package Number DDC0006A
See Package Number DGN0008A
SOT-6 Pin Descriptions
Pin No.
Name
Application Information
Boost voltage that drives the NMOS output switch. A bootstrap capacitor is connected between the BOOST and
1
BOOST
SW pins.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin.
3
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
Enable control input. Logic high enables operation. Toggling this pin with a periodic logic square wave of varying
4
EN/DIM
duty cycle at different frequencies controls the brightness of LEDs. Do not allow this pin to float or be greater than
VIN + 0.3V.
5
VIN
Input supply voltage. Connect a bypass capacitor locally from this pin to GND.
6
SW
Switch pin. Connect this pin to the inductor, catch diode, and bootstrap capacitor.
MSOP8 PowerPAD Pin Descriptions
Pin No.
Name
Function
1
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
2, 7
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin. Tie
pins 2, 7 and DAP to one GND plane.
3
NC
No Connection
4
BOOST
Boost voltage that drives the NMOS output switch. A bootstrap capacitor is connected between the BOOST and SW
pins.
5
SW
Switch pin. Connect this pin to the inductor, catch diode, and bootstrap capacitor.
6
VIN
Input supply voltage. Connect a bypass capacitor locally from this pin to GND.
8
EN/DIM
Enable control input. Logic high enables operation. Toggling this pin with a periodic logic square wave of varying
duty cycle at different frequencies controls the brightness of LEDs. Do not allow this pin to float or be greater than
VIN + 0.3V.
DAP
Attach to power ground pin
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com