Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3405AXMY/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3405AXMY/NOPB
Description  1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405AXMY/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3405AXMY/NOPB Datasheet HTML 9Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 10Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 11Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 12Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 13Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 14Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 15Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 16Page - Texas Instruments LM3405AXMY/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LM3405A
www.ti.com
SNVS508B – OCTOBER 2007 – REVISED OCTOBER 2008
Figure 21. PWM Dimming of LEDs using the EN/DIM Pin
Figure 22. Startup Response to EN/DIM with IF = 1A
Figure 23. Average LED Current versus Duty Cycle of PWM Dimming Signal at EN/DIM Pin
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM3405A from operating until the input voltage exceeds 2.74V
(typical). The UVLO threshold has approximately 440mV of hysteresis, so the part will operate until VIN drops
below 2.3V (typical). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
CURRENT LIMIT
The LM3405A uses cycle-by-cycle current limit to protect the internal power switch. During each switching cycle,
a current limit comparator detects if the power switch current exceeds 2.0A (typical), and turns off the switch until
the next switching cycle begins.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com