Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBHC100 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EBHC100
Description  DESOLDERING BRAID
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBHC100 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EBHC100 Datasheet HTML 1Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 2Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 3Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 4Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 5Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 6Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 7Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 8Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PART NO.
DESCRIPTION
STANDARD PACKAGE
EB41W44
Lint Free Stencil Wipe 4" x 4"
1200
EB41W99
Lint Free Stencil Wipe 9" x 9"
300
EB41W1212
Lint Free Stencil Wipe 12" x 12"
150
EBHC100
Hand Cleaner Wipes (100 wipes per tub/6 tubs per case)
1 case
EBSC100
Stencil Cleaner Wipes (100 wipes per tub/6 tubs per case)
1 case
EBIPA100
IPA/DI Wipes (100 wipes per tub/6 tubs per case)
1 case
EBHC15
Hand Cleaner Wipes Pack
15
EBSC15
Stencil Cleaner Wipes Pack
15
EBIPA15
IPA/DI Wipes Pack
15
www.easybraidco.com | Toll Free 1-800-840-5394 | Toll Free Fax 1-800-840-9805
HAND CLEANER WIPES
• Hands are cleaned quickly and effectively
• Pleasant citrus scent
• Very effective on stains such as solders, greases,
and glues
• Ideal for production line use
STENCIL CLEANER WIPES
• Formulated for the removal of stencil contaminants
• Evaporates quickly to leave surfaces clean and dry
• Odor-free
• Removes contaminates cleanly and without scratching
the stencil surface
IPA / DI WIPES
• 70% Isopropyl alcohol, 30% de-ionized water
• General-purpose sterile cleaner that can be used
through entire production process
• Leaves surfaces free of contamination
• Evaporates quickly after cleaning has been completed
4
SPECIALTY CLEANER
FLUX REMOVER
ENVIRONMENTAL
CLEANERS / DEGREASERS
CHEMICALS
K44Y16
Stencil Cleaner (16 fl.oz.)
No residue, safe on most
plastics, pump
K30Y14
Flux-Away (14 oz.)
No residue, safe on most
plastics, ozone safe,
adjustable aerosol pressure
spray nozzle
K51G13
NatureSafe Air (13 oz.)
Non-corrosive, water based,
biodegradable, solvent free,
ozone safe, non-flammable,
unique internal dispensing
system
K52G16
NatureSafe Spray (16 fl.oz.)
Biodegradable, non-
flammable, ozone safe,
pump, unique internal
dispensing system



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com