Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBHC100 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EBHC100
Description  DESOLDERING BRAID
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBHC100 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  EBHC100 Datasheet HTML 1Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 2Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 3Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 4Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 5Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 6Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 7Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 8Page - List of Unclassifed Manufacturers EBHC100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PART NO.
PART NO.
PART NO.
REF.
10 PACK
50 PACK
100 PACK
TIP DESCRIPTION
SHAFT DESCRIPTION
A
SW2PF-10
SW2PF-50
SW2PF-100
Foam tip; 3/16" D x 19/32" L
2" Solid
B
SW3PF-10
SW3PF-50
SW3PF-100
Foam tip; 3/16" D x 11/16" L
3" Solid
C
SW3WF-10
SW3WF-50
SW3WF-100
Foam tip; 3/16" D x 11/16" L
3" Wood
D
SW5PF-10
SW5PF-50
SW5PF-100
Rectangular foam tip;
5" Solid
9/16" D x 15/16" L
E
SW5PFA-10
SW5PFA-50
SW5PFA-100
Foam Tip; 91% Isopropyl
5" Semi-saturated
alcohol, 9% H2O
F
SW5PFAS-10
SW5PFAS-50
SW5PFAS-100
Anti-stat foam tip;
5" Anti-static solid
3/16" D x 11/16" L
G
SW5PFR-10
SW5PFR-50
SW5PFR-100
Round foam tip;
5" Solid
29/32" D x 1-1/8" L
H
SW6BPF-10
SW6BPF-50
SW6BPF-100
Foam tip; 3/8" D x 1" L
6" Blue solid
I
SW6PF-10
SW6PF-50
SW6PF-100
Foam over cotton tip;
6" Solid
3/16" D x 15/16" L
J
SW6PFAS-10
SW6PFAS-50
SW6PFAS-100
Anti-stat foam tip;
6" Anti-static solid
3/16" D x 11/16" L
K
SW6PFG-10
SW6PFG-50
SW6PFG-100
Large foam tip; 3/8" D x 1" L
6" Solid
L
SW6WC-10
SW6WC-50
SW6WC-100
Cotton tip; 3/16" D x 5/8" L
6" Wood
M
SW6WF-10
SW6WF-50
SW6WF-100
Foam tip; 3/8" D x 13/16" L
6" Wood
N
SW6WFAS-10
SW6WFAS-50
SW6WFAS-100
Anti-stat foam tip;
6" Wood
3/16" D x 11/16" L
O
SW6WFCAS-10
SW6WFCAS-50
SW6SFCAS-100
Anti-stat foam over cotton tip;
6" Wood
3/8" D x 13/16" L
www.easybraidco.com | Toll Free 1-800-840-5394 | Toll Free Fax 1-800-840-9805
SWABS
Swabs for Electronic Cleaning Applications
• Can be utilized with most electronic cleaning solvents
• Only virgin materials used
• Low contamination and lint levels used
• Packaged in anti-static material
• Available in convenient packages (10, 50 or 100 per package)
• Durable, high strength shafts
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com