Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB81BA3EPFP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3EPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3EPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB81BA3EPFP Datasheet HTML 29Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 30Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 31Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 32Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 33Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 34Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 35Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 36Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
00
(a)
01
(b)
00
00
S[14:15]
S[0:1]
D0, D1
CTL0, CTL1
SYSCLK
00
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
Figure 12. Status Transfer Timing
The sequence of events for a status transfer is as follows:
a. Status transfer initiated. The PHY indicates a status transfer by asserting status on the CTL lines along with
the status data on the D0 and D1 lines (only 2 bits of status are transferred per cycle). Normally (unless
interrupted by a receive operation), a status transfer is either 2 or 8 cycles long. A 2-cycle (4-bit) transfer
occurs when only status information is to be sent. An 8-cycle (16-bit) transfer occurs when register data is to
be sent in addition to any status information.
b. Status transfer terminated. The PHY normally terminates a status transfer by asserting idle on the CTL lines.
The PHY can also interrupt a status transfer at any cycle by asserting receive on the CTL lines to begin a
receive operation. The PHY asserts at least one idle cycle between consecutive status transfers.
Receive
Whenever the PHY detects the data-prefix state on the serial bus, it initiates a receive operation by asserting
receive on the CTL terminals and a logic 1 on each of the D bus terminals (data-on indication). The PHY
indicates the start of a packet by placing the speed code (encoded as shown in Table 20) on the D terminals,
followed by packet data. The PHY holds the CTL terminals in the receive state until the last symbol of the packet
has been transferred. The PHY indicates the end of packet data by asserting idle on the CTL terminals. All
received packets are transferred to the LLC. Note that the speed code is part of the PHY-LLC protocol and is not
included in the calculation of CRC or any other data protection mechanisms.
It is possible for the PHY to receive a null packet, which consists of the data-prefix state on the serial bus
followed by the data-end state, without any packet data. A null packet is transmitted whenever the packet speed
exceeds the capability of the receiving PHY, or whenever the LLC immediately releases the bus without
transmitting any data. In this case, the PHY asserts receive on the CTL terminals with the data-on indication (all
1s) on the D bus terminals, followed by Idle on the CTL terminals, without any speed code or data being
transferred. In all cases, in normal operation, the TSB81BA3E sends at least one data-on indication before
sending the speed code or terminating the receive operation.
The TSB81BA3E also transfers its own self-ID packet, transmitted during the self-ID phase of bus initialization, to
the LLC. This packet is transferred to the LLC just as any other received self-ID packet.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TSB81BA3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com