Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB81BA3EPFP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3EPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3EPFP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB81BA3EPFP Datasheet HTML 9Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 10Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 11Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 12Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 13Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 14Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 15Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 16Page - Texas Instruments TSB81BA3EPFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
RECOMMENDED OPERATING CONDITIONS
MIN
TYP(1)
MAX
UNIT
Source power node
3.0
3.3
3.6
3.3 VDD Supply voltage
V
Nonsource power node
3.0(2)
3.3
3.6
Core
Supply voltage
1.85
1.95
2.05
V
VDD
LREQ, CTL0, CTL1, D0-D7, LCLK
2.6
0.7 ×
LKON/DS2, PC0, PC1, PC2, PD, BMODE
VIH
High-level input voltage
VDD
V
0.6 ×
RESETz
VDD
LREQ, CTL0, CTL1, D0-D7, LCLK
1.2
VIL
Low-level input voltage
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.2 × VDD
V
RESETz
0.3 × VDD
VOD
1394b Differential output voltage
700
mV
1394b Common-mode output
VCM
1.5
V
voltage
VD D = 3.3 V
4
mA
Supply current in low
IDD
power/suspend(3)
VD D = 3 V
3
mA
CTL0, CTL1, D0-D7, CNA, LKON/DS2, PINT, and
IOL/OH
Output current
–4
4
mA
PCLK
IO
Output current
TPBIAS outputs
–5.6
1.3
mA
Operating ambient temperature
TA
TSB81BA3E
0
70
°C
range
TJ
Junction temperature(4)
TSB81BA3E
0
105
°C
VID
1394b Differential input voltage
Cable inputs, during data reception
200
800
mV
Cable inputs, during data reception
118
260
VID
1394a Differential input voltage
mV
Cable inputs, during arbitration
168
265
TPB cable inputs, source power node
0.4706
2.515
1394a Common-mode input
VIC
V
voltage
TPB cable inputs, nonsource power node
0.4706
2.015(2)
tpu
Power-up reset time
RESETz input
2(5)
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
TPA, TPB cable inputs, S400 operation
±0.315
Between TPA and TPB cable inputs, S100
±0.8
operation
Between TPA and TPB cable inputs, S200
Receive input skew
±0.55
ns
operation
Between TPA and TPB cable inputs, S400
±0.5
operation
(1)
All typical values are at VDD = 3.3 V and TA = 25°C.
(2)
For a node that does not source power, see Section 4.2.2.2 in IEEE 1394a-2000.
(3)
The low power/suspend mode assumes that the device is not receiving packets and it is toning.
(4)
The junction temperature reflects simulated conditions. The customer is responsible for verifying junction temperature.
(5)
Time after valid clock received at PHY XI input terminal.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TSB81BA3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com