Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89PV620CF Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89PV620CF
Description  8-bit Proprietary Microcontroller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89PV620CF Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89PV620CF Datasheet HTML 1Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 2Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 3Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 4Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 5Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 6Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 7Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 8Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
MB89628R/629R/P629
s PRODUCT LINEUP
*1: The piggyback/evaluation product is applicable to the MB89620 series.
*2: Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”) In the case
of the MB89PV620, the voltage varies with the restrictions of the EPROM for use.
MB89629R
MB89P629
MB89PV620*1
Classification
Mass production products
(mask ROM products)
One-time PROM
product for evaluation and
development
Piggyback/evaluation
product for evaluation and
development
ROM size
24 K
× 8 bits
(internal mask ROM)
32 K
× 8 bits
(internal mask ROM)
32 K
× 8 bits
(internal PROM, programming
with general-purpose EPROM
programmer)
32 K
× 8 bits
(external ROM)
RAM size
3072
× 8 bits
4096
× 8 bits
1 K
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.4
µs/10 MHz
Interrupt processing time:
3.6
µs/10 MHz
Ports
Input ports:
5 (4 ports also serve as peripherals.)
Output ports (N-ch open-drain):
8 (All also serve as peripherals.)
I/O ports (N-ch open-drain):
8 (4 ports also serve as peripherals.)
Output ports (CMOS):
8
I/O ports (CMOS):
24
Total:
53
8-bit PWM timer
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4
µs to 3.3 ms)
8-bit resolution PWM operation (conversion cycle: 102
µs to 839 ms)
8-bit pulse width count
timer
8-bit timer operation (overflow output capable, operating clock cycle: 0.4 to 12.8
µs)
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4 to 12.8
µs)
8-bit pulse width measurement operation (Continuous measurement “H” pulse width/“L”
pulse width/from
↑ to ↑/from ↓ to ↓ capable)
16-bit timer/counter
16-bit timer operation (operating clock cycle: 0.4
µs)
16-bit event counter operation (Rising/falling/both edges selectability)
8-bit serial I/O 1,
8-bit serial I/O 2
8-bits
LSB first/MSB first transfer selectability
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 0.8
µs, 3.2 µs, 12.8 µs)
8-bit A/D converter
8-bit resolution
× 8 channels
A/D conversion mode (conversion time: 18
µs)
Sense mode (conversion time: 5
µs)
Continuous activation by an external activation or an internal timer capable
Reference voltage input
External interrupt
4 independent channels (edge selection, interrupt vector, source flag)
Rising edge/falling edge selectability
Used also for wake-up from stop/sleep mode. (Edge detection is also permitted in stop mode.)
Standby modes
Sleep mode, stop mode
Process
CMOS
Operating voltage*2
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MB89628R
MBM27C256A-20
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com