Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89PV620CF Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB89PV620CF
Description  8-bit Proprietary Microcontroller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89PV620CF Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB89PV620CF Datasheet HTML 28Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 29Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 30Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 31Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 32Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 33Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 34Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 35Page - fujitsu semiconductor MB89PV620CF Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
MB89628R/629R/P629
(2) Precautions
• Input impedance of the analog input pins
The A/D converter contains a sample hold circuit as illustrated below to fetch analog input voltage into the
sample hold capacitor for eight instruction cycles after activating A/D conversion.
For this reason, if the output impedance of the external circuit for the analog input is high, analog input voltage
might not stabilize within the analog input sampling period. Therefore, it is recommended to keep the output
impedance of the external circuit low (below 10 k
Ω).
Note that if the impedance cannot be kept low, it is recommended to connect an external capacitor of about
0.1
µF for the analog input pin.
•Error
The smaller the | AVR – AVSS |, the greater the error would become relatively.
VOT
VNT
V (N + 1)T
VFST
Digital output
(1 LSB
× N + VOT)
0000
0000
0000
0000
0001
0010
1111
1111
1110
1111
1 LSB =
AVR
256
Linearity error =
VNT – (1 LSB
× N + VOT)
1 LSB
Differential linearity error =
V( N + 1 ) T –VNT
1 LSB
Analog input
Actual conversion value
Theoretical conversion value
–1
Total error =
1 LSB
VNT – (1 LSB
× N + 1 LSB)
.
.
Analog Input Equivalent Circuit
Close for 8 instruction cycles
after activating A/D conversion.
Sample hold circuit
C = 33 pF
Analog channel selector
Analog input pin
R = 6 k
Ω
Comparator
If the analog input
impedance is
higher than 10 k
Ω,
it is recommended
to connect an
external capacitor
of approx. 0.1
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com