Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1L05PU25R Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1L05PU25R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05PU25R Datasheet(HTML) 1 Page - STMicroelectronics

  ST1L05PU25R Datasheet HTML 1Page - STMicroelectronics ST1L05PU25R Datasheet HTML 2Page - STMicroelectronics ST1L05PU25R Datasheet HTML 3Page - STMicroelectronics ST1L05PU25R Datasheet HTML 4Page - STMicroelectronics ST1L05PU25R Datasheet HTML 5Page - STMicroelectronics ST1L05PU25R Datasheet HTML 6Page - STMicroelectronics ST1L05PU25R Datasheet HTML 7Page - STMicroelectronics ST1L05PU25R Datasheet HTML 8Page - STMicroelectronics ST1L05PU25R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
May 2014
DocID14492 Rev 3
1/30
ST1L05
Very low quiescent current BiCMOS voltage regulator
Datasheet
- production data
Features
• Fixed output voltage: 1.8 V, 2.5 V, 3.3 V and
ADJ
• Output voltage tolerance: ± 2% at 25 °C
• Output current capability: 1.3 A
• Very low quiescent current: max. 650 µA
• Typ. dropout 0.3 V (@ IO = 1.3 A)
• Enable function for B, C and D versions
• Power Good function for B and D versions
• Stable with low ESR ceramic capacitors
• Thermal shutdown protection with hysteresis
• Overcurrent protection
• Operating junction temperature range: from 0
to 125 °C
Description
The ST1L05 is a low drop linear voltage regulator,
which supplies up to 1.3 A output current.
The output voltage is fixed at 1.8 V, 2.5 V, 3.3 V
and it is adjustable. It is available in three different
versions with different pinouts.
Thanks to BiCMOS technology, the quiescent
current is controlled and maintained below
650 µA over the entire allowed junction
temperature range. The ST1L05 is stable with low
ESR output ceramic capacitors.
Internal protection circuitry includes thermal
protection with hysteresis and overcurrent
limiting.
The ST1L05 is suitable for data storage
applications such as HDDs, where it can supply
3.3 V required by read channel and memory
chips.
The regulator is available in the small and thin
DFN6 (3x3 mm) and DFN8 (4x4 mm) packages.
DFN6 (3x3 mm)
DFN8 (4x4 mm)
Table 1. Device summary
Order codes
Package
Output voltage
ST1L05PU25R
DFN6 (3x3 mm)
2.5 V
ST1L05APU33R
DFN6 (3x3 mm)
3.3 V
ST1L05BPUR
DFN6 (3x3 mm)
ADJ
ST1L05CPU33R
DFN6 (3x3 mm)
3.3 V
ST1L05DPUR
DFN8 (4x4 mm)
ADJ
www.st.com


Similar Part No. - ST1L05PU25R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L02PU18R STMICROELECTRONICS-ST1L02PU18R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PU25R STMICROELECTRONICS-ST1L02PU25R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PU33R STMICROELECTRONICS-ST1L02PU33R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PUR STMICROELECTRONICS-ST1L02PUR Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
More results

Similar Description - ST1L05PU25R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
logo
STMicroelectronics
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com