Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1L05PU25R Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST1L05PU25R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05PU25R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST1L05PU25R Datasheet HTML 16Page - STMicroelectronics ST1L05PU25R Datasheet HTML 17Page - STMicroelectronics ST1L05PU25R Datasheet HTML 18Page - STMicroelectronics ST1L05PU25R Datasheet HTML 19Page - STMicroelectronics ST1L05PU25R Datasheet HTML 20Page - STMicroelectronics ST1L05PU25R Datasheet HTML 21Page - STMicroelectronics ST1L05PU25R Datasheet HTML 22Page - STMicroelectronics ST1L05PU25R Datasheet HTML 23Page - STMicroelectronics ST1L05PU25R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application information
ST1L05
20/30
DocID14492 Rev 3
The junction temperature of the device is:
TJ_MAX = TA + RthJA x PD
where:
TJ_MAX is the maximum junction of the die, 125 °C
TA is the ambient temperature
RthJA is the thermal resistance junction-to-ambient
6.2
Enable function (ST1L05B, ST1L05C and ST1L05D only)
The ST1L05 features the enable function. When EN voltage is higher than 2 V the device is
ON, and if it is lower than 0.8 V the device is OFF. In shutdown mode, consumption is lower
than 1 µA. EN pin has an internal pull-up, so it can be left floating if it is not used.
6.3
Power Good function (ST1L05B and ST1L05D only)
Most applications require a flag showing that the output voltage is in the correct range.
Power Good threshold depends on the adjust voltage. When the adjust is higher than
0.92*VADJ, Power Good (PG) pin goes to high impedance. If the adjust is below 0.92*VADJ
PG pin goes to low impedance. If the device works correctly, Power Good pin is at high
impedance.
If the output voltage is fixed using an external or internal resistor divider, Power Good
threshold is 0.92*VO.
To use Power Good function, an external pull-up resistor is required, and it has to be
connected between PG pin and VI or VO. PG pin typical current capability is up to 6 mA. A
pull-up resistor in the range of 100 k
Ω to 1 MΩ is recommended. If Power Good function is
not used, PG pin has to remain floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com