Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB16R-2295SW Datasheet(PDF) 4 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 4 Page - Amphenol Corporation

  MB16R-2295SW Datasheet HTML 1Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 2Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 3Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 4Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 5Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 6Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3
Amphenol /Matrix Miniature Cylindrical
MIL-C-26482, Series 2 Connectors
class descriptions, performance specifications
®
®
CLASS DESCRIPTIONS
* Ref. MIL-C-26482
Military
MIL-C-26482, Series 2
Amphenol/Matrix
Proprietary MB1 Series
Description
Class L
Class R
Aluminum shell, electroless nickel finish, fluid resistant
Class E
–
Inactive, superceded by Class L*
Class R
–
Inactive, superceded by Class L*
Class A
Class A
Aluminum shell, black non-conductive anodized finish, fluid
resistant
–
Class G
Stainless steel shell, passivated, fluid resistant
Class W
Class W
Aluminum shell, olive drab cadmium plated, corrosion/fluid
resistant
PERFORMANCE SPECIFICATIONS
** Service Rating is comparable to MS rating A. Miniature connectors rated Service Rating I will provide a minimum flashover
voltage at sea level of 2,000 volts AC (RMS). Service Rating II is comparable to MS Service Rating D, and will provide a
minimum flashover voltage of 2,800 volts AC (RMS) at sea level.
Please note that the electrical data given is not an establishment of electrical safety factors. This is left entirely in the
designer’s hands, as he can best determine which peak voltage, switching surges, transients, etc. can be expected in a
particular circuit.
SERVICE RATINGS**
Service
Rating
Recommended
Operating AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea Level
50,000 ft.
70,000 ft.
110,000 ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
OPERATING TEMPERATURE RANGE
–65°C (–85°F) to 200°C (392°F)
ENVIRONMENTAL SEAL
Wired, mated connectors with the specified accessory
attached will meet the altitude immersion test specified in
MIL-C-26482.
DURABILITY
Minimum of 500 mating cycles.
SHOCK AND VIBRATION REQUIREMENTS
When tested as follows, the connector shall sustain no
physical damage, or electrical discontinuity exceeding
one microsecond.
SHOCK:
Pulse of an approximate half sine wave of 300g magnitude
with duration of 3 milliseconds applied in three axes.
VIBRATION:
Sixteen hours of random vibration having a range of 50 to
2,000 Hz with a 41.7G peak level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com