| Electronic Components Datasheet Search |
|
MB16R-2295SW Datasheet(PDF) 16 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MB16R-2295SW Datasheet(HTML) 16 Page - Amphenol Corporation |
|
16 / 16 page ![]() 15 Miniature Cylindrical Proprietary/MIL-C-26482, Series 1 & 2 Connectors There are several additional connector series within the Amphenol® MIL-C-26482 and similar types fam- ily. Each series offers varying design characteris- tics and customer options to meet cost considerations and to provide users with the most design flexibility possible. The additional series within the Amphenol Miniature Cylindrical Family of Connectors are shown in detail in Amphenol catalog 12-070, which can be supplied upon request. Briefly these addi- tional products are described as follows: • PT, SP, MS/PT Proprietary/MIL-C-26482, Series 1 These are bayonet type with solder contacts. Both the insert and main joint gasket are molded from resilient neoprene. This provides excellent moisture sealing at the gasket and superior electrical isolation of the contact in the inserts. Socket contacts are closed entry design. Printed circuit board contacts are also available in this series. The SP is a modification of the PT providing special shells with a wide mounting flange for back panel mounting. The SP also has a durable non-conductive hard anodic “Alumi- lite” coating which provides abrasion and corrosion protec- tion. There are 8 shell styles in the PT, SP and MS/PT series, and shell sizes are 6-24. The PT solder is UL recognized. Her- metics are also available. • PT-SE, SP-SE, MS/PT-SE Proprietary/MIL-C-26482, Series 1 These are a derivative of the PT line, bayonet type. How- ever, they incorporate crimp contacts that are rear insert- able, front releasable. An MS approved spring tower retention system holds the contacts in place. • PT-CE, SP-CE Proprietary crimp type Another derivative of the PT line, bayonet type. These also have crimp contacts that are rear insertable, front releas- able, but the contacts are held in place by a nylon wafer retention system. The voidless one-piece insert and grom- met assembly provide continuous dielectric separation between contacts. • PC, PC-SE, PC-CE Proprietary solder and crimp type The PC series within the Amphenol® miniature cylindrical family is threaded coupling, rather than bayonet coupling. The threads are double-stubbed so they can not be cross threaded. The PC is offered with solder contacts. The PC-SE has crimp contacts in a spring tower retention system, while the PC-CE has crimp contacts in a nylon wafer retention system. Hermetics are available All miniature cylindricals are intermateable and intermountable with each other except for the threaded coupling PC Series. For further information ask for catalog 12-070. Consult Amphe- nol, Sidney, NY for any assistance on these products or for any specific application needs. Additional Miniature Cylindrical Connectors offered by Amphenol |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |