Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC3105IQT Datasheet(PDF) 9 Page - STMicroelectronics

Part # STC3105IQT
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105IQT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STC3105IQT Datasheet HTML 5Page - STMicroelectronics STC3105IQT Datasheet HTML 6Page - STMicroelectronics STC3105IQT Datasheet HTML 7Page - STMicroelectronics STC3105IQT Datasheet HTML 8Page - STMicroelectronics STC3105IQT Datasheet HTML 9Page - STMicroelectronics STC3105IQT Datasheet HTML 10Page - STMicroelectronics STC3105IQT Datasheet HTML 11Page - STMicroelectronics STC3105IQT Datasheet HTML 12Page - STMicroelectronics STC3105IQT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STC3105
Application information
Doc ID 022198 Rev 1
9/23
5
Application information
Figure 3.
Example of an application schematic using the STC3105
Table 6.
External component list
Name
Value
Tolerance
Comments
Rcg
10 to 50 m
Ω
2% to 5%
Current sense resistor
C1
1 µF
Supply decoupling capacitor
C2
220 nF
Battery voltage input filter (optional)
R1
1 k
Ω
Battery voltage input filter (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com