| Electronic Components Datasheet Search |
|
STC3105IQT Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STC3105IQT Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 23 page ![]() I2C interface STC3105 14/23 Doc ID 022198 Rev 1 7 I2C interface 7.1 Read and write operations The interface is used to control and read the current accumulator and registers. It is compatible with the Philips I2C registered trademark (version 2.1). It is a slave serial interface with a serial data line (SDA) and a serial clock line (SCL). ● SCL: input clock used to shift data ● SDA: input/output bidirectional data transfers A filter rejects the potential spikes on the bus data line to preserve data integrity. The bidirectional data line supports transfers up to 400 kbit/s (fast mode). The data is shifted to and from the chip on the SDA line, MSB first. The first bit must be high (START) followed by the 7-bit device address and the read/write control bit. Bits DevADDR0 to DevADDR2 are factory-programmable, the default device address value being 1110 000 (AddrID0 = AddrID1 = AddrID2 = 0). The STC3105 then sends an acknowledge at the end of an 8-bit long sequence. The next 8 bits correspond to the register address followed by another acknowledge. The data field is the last 8-bit long sequence sent, followed by a last acknowledge. Table 7. Device address format b7 b6 b5 b4 b3 b2 b1 b0 1 1 1 0 DevADDR2 DevADDR1 DevADDR0 R/W Table 8. Register address format b7 b6 b5 b4 b3 b2 b1 b0 RegADDR7 RegADDR6 RegADDR5 RegADDR4 RegADDR3 RegADDR2 RegADDR1 RegADDR0 Table 9. Register data format b7 b6 b5 b4 b3 b2 b1 b0 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |