Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NG80386SXLP33 Datasheet(PDF) 28 Page - Intel Corporation

Part # NG80386SXLP33
Description  Intel386 SX MICROPROCESSOR
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80386SXLP33 Datasheet(HTML) 28 Page - Intel Corporation

Back Button NG80386SXLP33 Datasheet HTML 24Page - Intel Corporation NG80386SXLP33 Datasheet HTML 25Page - Intel Corporation NG80386SXLP33 Datasheet HTML 26Page - Intel Corporation NG80386SXLP33 Datasheet HTML 27Page - Intel Corporation NG80386SXLP33 Datasheet HTML 28Page - Intel Corporation NG80386SXLP33 Datasheet HTML 29Page - Intel Corporation NG80386SXLP33 Datasheet HTML 30Page - Intel Corporation NG80386SXLP33 Datasheet HTML 31Page - Intel Corporation NG80386SXLP33 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Intel386TM SX MICROPROCESSOR
31
16
0
SEGMENT BASE 150
SEGMENT LIMIT 150
0
BASE 3124
G
0
0
0
LIMIT
P
DPL
0
TYPE
BASE
a
4
1916
2316
Type
Defines
0
Invalid
1
Available 80286 TSS
2
LDT
3
Busy 80286 TSS
4
80286 Call Gate
5
Task Gate (for 80286 or Intel386TM SX
Microprocessor Task)
6
80286 Interrupt Gate
7
80286 Trap Gate
Type
Defines
8
Invalid
9
Available Intel386TM SX Microprocessor TSS
A
Undefined (Intel Reserved)
B
Busy Intel386TM SX Microprocessor TSS
C
Intel386TM SX Microprocessor Call Gate
D
Undefined (Intel Reserved)
E
Intel386TM SX Microprocessor Interrupt Gate
F
Intel386TM SX Microprocessor Trap Gate
Figure 46 System Descriptors
Code and data segments have several descriptor
fields in common The accessed bit A is set when-
ever the processor accesses a descriptor The gran-
ularity bit G specifies if a segment length is byte-
granular or page-granular
System Descriptor Formats (Se0)
System segments describe information about oper-
ating system tables tasks and gates Figure 46
shows the general format of system segment de-
scriptors and the various types of system segments
Intel386 SX system descriptors (which are the same
as Intel386 DX CPU system descriptors) contain a
32-bit base linear address and a 20-bit segment lim-
it 80286 system descriptors have a 24-bit base ad-
dress and a 16-bit segment limit 80286 system de-
scriptors are identified by the upper 16 bits being all
zero
Differences Between Intel386TM SX
Microprocessor and 80286 Descriptors
In order to provide operating system compatibility
with the 80286 the Intel386 SX CPU supports all of
the 80286 segment descriptors The 80286 system
segment descriptors contain a 24-bit base address
and 16-bit limit while the Intel386 SX CPU system
segment descriptors have a 32-bit base address a
20-bit limit field and a granularity bit The word count
field specifies the number of 16-bit quantities to copy
for 80286 call gates and 32-bit quantities for
Intel386 SX CPU call gates
Selector Fields
A selector in Protected Mode has three fields Local
or Global Descriptor Table indicator (TI) Descriptor
Entry Index (Index) and Requestor (the selector’s)
Privilege Level (RPL) as shown in Figure 47 The TI
bit selects either the Global Descriptor Table or the
Local Descriptor Table The Index selects one of 8k
descriptors in the appropriate descriptor table The
RPL bits allow high speed testing of the selector’s
privilege attributes
Segment Descriptor Cache
In addition to the selector value every segment reg-
ister has a segment descriptor cache register asso-
ciated with it Whenever a segment register’s con-
tents are changed the 8-byte descriptor associated
with that selector is automatically loaded (cached)
on the chip Once loaded all references to that seg-
ment use the cached descriptor information instead
of reaccessing the descriptor The contents of the
descriptor cache are not visible to the programmer
Since descriptor caches only change when a seg-
ment register is changed programs which modify
the descriptor tables must reload the appropriate
segment registers after changing a descriptor’s val-
ue
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com