Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NG80386SXLP33 Datasheet(PDF) 39 Page - Intel Corporation

Part # NG80386SXLP33
Description  Intel386 SX MICROPROCESSOR
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80386SXLP33 Datasheet(HTML) 39 Page - Intel Corporation

Back Button NG80386SXLP33 Datasheet HTML 35Page - Intel Corporation NG80386SXLP33 Datasheet HTML 36Page - Intel Corporation NG80386SXLP33 Datasheet HTML 37Page - Intel Corporation NG80386SXLP33 Datasheet HTML 38Page - Intel Corporation NG80386SXLP33 Datasheet HTML 39Page - Intel Corporation NG80386SXLP33 Datasheet HTML 40Page - Intel Corporation NG80386SXLP33 Datasheet HTML 41Page - Intel Corporation NG80386SXLP33 Datasheet HTML 42Page - Intel Corporation NG80386SXLP33 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Intel386TM SX MICROPROCESSOR
rupted Restoring null selectors to these registers
before executing the IRET will cause a trap in the
interrupt handler Interrupt routines which expect or
return values in the segment registers will have to
obtainreturn values from the 8086 register images
pushed onto the new stack They will need to know
the mode of the interrupted program in order to
know where to findreturn segment registers and
also to know how to interpret segment register val-
ues
The IRET instruction will perform the inverse of the
above sequence Only the extended IRET instruc-
tion (operand sizee32) can be used and must be
executed at level 0 to change the VM bit to 1
1 If the NT bit in the FLAGS register is on an inter-
task return is performed The current state is
stored in the current TSS and the link field in the
current TSS is used to locate the TSS for the in-
terrupted task which is to be resumed Otherwise
continue with the following sequence
2 Read the FLAGS image from SS8 ESP into the
FLAGS register This will set VM to the value ac-
tive in the interrupted routine
3 Pop off the instruction pointer CSEIP EIP is
popped first then a 32-bit word is popped which
contains the CS value in the lower 16 bits If
VMe0 this CS load is done as a protected mode
segment load If VMe1 this will be done as an
8086 segment load
4 Increment the ESP register by 4 to bypass the
FLAGS image which was ‘popped‘ in step 1
5 If VMe1 load segment registers ES DS FS and
GS
from
memory
locations
SS ESPa8
SS ESPa12
SS ESPa16
and
SS ESPe20
respectively where the new value
of ESP stored in step 4 is used Since VMe1
these are done as 8086 segment register loads
Else if VMe0 check that the selectors in ES DS
FS and GS are valid in the interrupted routine
Null out invalid selectors to trap if an attempt is
made to access through them
6 If RPL(CS)lCPL pop the stack pointer SSESP
from the stack The ESP register is popped first
followed by 32-bits containing SS in the lower 16
bits If VMe0 SS is loaded as a protected mode
segment register load If VMe1 an 8086 seg-
ment register load is used
7 Resume execution of the interrupted routine The
VM bit in the FLAGS register (restored from the
interrupt routine’s stack image in step 1) deter-
mines whether the processor resumes the inter-
rupted routine in Protected mode or Virtual 8086
Mode
50 FUNCTIONAL DATA
The Intel386 SX Microprocessor features a straight-
forward functional interface to the external hard-
ware The Intel386 SX Microprocessor has separate
parallel buses for data and address The data bus is
16-bits in width and bi-directional The address bus
outputs 24-bit address values using 23 address lines
and two byte enable signals
The Intel386 SX Microprocessor has two selectable
address bus cycles address pipelined and non-ad-
dress pipelined The address pipelining option al-
lows as much time as possible for data access by
starting the pending bus cycle before the present
bus cycle is finished A non-pipelined bus cycle
gives the highest bus performance by executing ev-
ery bus cycle in two processor CLK cycles For maxi-
mum design flexibility the address pipelining option
is selectable on a cycle-by-cycle basis
The processor’s bus cycle is the basic mechanism
for information transfer either from system to proc-
essor or from processor to system Intel386 SX Mi-
croprocessor bus cycles perform data transfer in a
minimum of only two clock periods The maximum
transfer bandwidth at 16 MHz is therefore 16
Mbytessec However any bus cycle will be extend-
ed for more than two clock periods if external hard-
ware withholds acknowledgement of the cycle
The Intel386 SX Microprocessor can relinquish con-
trol of its local buses to allow mastership by other
devices such as direct memory access (DMA) chan-
nels When relinquished HLDA is the only output pin
driven by the Intel386 SX Microprocessor providing
near-complete isolation of the processor from its
system (all other output pins are in a float condition)
51 Signal Description Overview
Ahead is a brief description of the Intel386 SX Micro-
processor input and output signals arranged by func-
tional groups Note the
symbol at the end of a
signal name indicates the active or asserted state
occurs when the signal is at a LOW voltage When
no
is present after the signal name the signal is
asserted when at the HIGH voltage level
Example signal MIO
HIGH voltage indicates
Memory selected
LOW voltage indicates
IO selected
The signal descriptions sometimes refer to AC tim-
ing parameters such as ‘t25 Reset Setup Time‘ and
‘t26 Reset Hold Time‘ The values of these parame-
ters can be found in Table 74
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com