Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8437ECGLT Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8437ECGLT
Description  Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8437ECGLT Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8437ECGLT Datasheet HTML 5Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 6Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 7Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 8Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 9Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 10Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 11Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 12Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Mobile Phone Xenon Photoflash Capacitor Charger
with IGBT Driver
A8437
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Charge Time versus Battery Voltage
Transformer Lp= 8 μH, N = 10.2; COUT= 20 μF / 330 V UCC; TA=25°
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VBAT (V)
55
≈ 0.65
45
≈ 0.8
39
≈ 0.9
33.2
≈ 1.0
26.7
≈ 1.2
RSET
(kΩ)
IP
(A)
COUT= 20 μF. For larger or smaller capacitances, charging time
scales proportionally.
Efficiency versus Battery Voltage
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
2.02.5
3.03.5
4.04.5
5.0
5.5
6.0
VBAT (V)
Transformer Lp= 8 μH, N = 10.2; COUT= 20 μF / 330 V UCC; TA=25°
55
≈ 0.65
45
≈ 0.8
39
≈ 0.9
33.2
≈ 1.0
26.7
≈ 1.2
RSET
(kΩ)
IP
(A)
Special low-profile transformer with relatively low inductance
(Lp= 8 μH) and high winding resistance (Rp = 0.37 Ω). Higher efficien-
cy can be achieved by using transformers with higher Lp, which reduces
switching frequency and therefore switching loses, and lower resistance,
which reduces conduction losses.
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VBAT (V)
Average Input Current versus Battery Voltage
XFM Lp= 8 μH, N = 10.2, COUT= 20 μF 330 V UCC, TA=25°
55
≈ 0.65
RSET
(kΩ)
IP
(A)
45
≈ 0.8
39
≈ 0.9
33.2
≈ 1.0
26.7
≈ 1.2
An increase in ISWlim with respect to VBAT actually keeps the average input current
roughly constant throughout the battery voltage range. Normally, if ISWlim is kept
constant, the average current will drop as VBAT goes higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com