Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8437ECGLT Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A8437ECGLT
Description  Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8437ECGLT Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A8437ECGLT Datasheet HTML 14Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 15Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 16Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 17Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 18Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 19Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 20Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 21Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 22Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Mobile Phone Xenon Photoflash Capacitor Charger
with IGBT Driver
A8437
20
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Typical Reflow Profile per J-STD-020D
IPC-020d-5-1
JSTD020D-01, Figure 5-1
Classification Profile (Not to scale)
Tc -5°C
t
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Preheat Area
Tsmax
Tsmin
ts
Tp
TL
Time
25
Time 25°C to Peak
Supplier Tp > Tc
-
Supplier tp
Tc
User Tp < Tc
-
User tp
Tc -5°C
tp
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com