Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM7121P Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM7121P
Description  Top Port Analogue Silicon Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121P Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM7121P Datasheet HTML 3Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 9Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 10Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Pre-Production
WM7121P, WM7121PE
w
PP, June 2014, Rev 3.0
7
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 1 WM7121P Recommended External Components
A DC-blocking output capacitor is required on the OUTPUT pin, as illustrated in Figure 1. A single
capacitor is required for a single-ended connection. The capacitor must be correctly selected as it
affects the cut-off frequency of the output path. A low cut-off frequency is desirable as it means there
is no significant filtering of the audio bandwidth.
The 3dB cut-off frequency of the output path is given by the equation below, where C is the output
capacitance and R is the input resistance of the other circuit.
A typical recommended configuration, with 1uF DC-blocking capacitor and 20kΩ minimum input circuit
impedance, gives a 3dB cut-off frequency of 10Hz or less. Tantalum electrolytic capacitors are
particularly suitable for the DC-blocking components as they offer high stability in a small package
size.
OPTIMISED SYSTEM RF DESIGN
For optimised RF design please refer to document WAN0278 (Recommended PCB Layout for
Microphone RF Immunity in Mobile Cell Phone Applications) for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com