Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM7121P Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM7121P
Description  Top Port Analogue Silicon Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121P Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM7121P Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 9Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 10Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 11Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WM7121P, WM7121PE
Pre-Production
w
PP, June 2014, Rev 3.0
8
CONNECTION TO A WOLFSON CODEC
Wolfson provides a range of audio CODECs incorporating an analogue microphone input interface;
these support connection to silicon microphones such as the WM7121P.
The recommended connection of a WM7121P silicon microphone is illustrated in Figure 2 (for single-
ended mode) and Figure 3 (for pseudo-differential mode).
A DC blocking capacitor is required, as described in the previous section. A 2.2µF decoupling
capacitor is also recommended; this should be positioned close to the VDD pin of the WM7121P.
Further information on Wolfson audio CODECs is provided in the respective product datasheet, which
is available from the Wolfson website.
Figure 2 WM7121P Silicon Microphone Single-ended Connection
Figure 3 WM7121P Silicon Microphone Pseudo-differential Connection
MATCHED MICROPHONE PAIRS
The WM7121P Top Port microphone offers matched performance to the WM7132P Bottom Port
microphone. The ‘enhanced’ variants, WM7121PE and WM7132PE, offer an even greater level (±1dB)
of sensitivity performance matching.
Matched microphone pairs are ideal for accurate sound pick-up from opposite directions in slim, low-
profile applications. For best acoustic matching, the Top Port and Bottom Port microphones should be
positioned close together, on the same side of the PCB.
The WM7121P and WM7132P microphones offer matched sensitivity, low-frequency roll-off, and
phase response characteristics, enabling simplified system design when using these complementary
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com