Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TO-92 Datasheet(PDF) 7 Page - Supertex, Inc

Part # TO-92
Description  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 7 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2012 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
7
CL2
(The package drawings in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-CL2
C071012
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00†
1.50
BSC
3.00
BSC
3.94
0.73†
NOM
-
-
-
-
-
-
-
-
-
-
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
Supertex Doc. #: DSPD-3TO243AAN8, Version F111010.
b
b1
D
D1
E H
E1
C
A
1
2
3
e
e1
Top View
Side View
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com